ATS-20D-20-C2-R0
AI

The **ATS-20D-20-C2-R0** is a high-performance thermal management component, specifically an aluminum heat sink designed for cooling electronic components such as CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature from the manufacturer, **Advanced Thermal Solutions (ATS)**.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Lightweight & High Thermal Conductivity) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | ~7.14 °C/W (at 1.0 m/s airflow) |
| **Flow Direction** | Vertical (Cross-cut for multi-directional airflow) |
---
### 2. Design Characteristics
This heat sink is part of the **pushPIN™** series, which is engineered for secure and reliable attachment to a Printed Circuit Board (PCB).
* **Cross-Cut Fin Pattern:** Unlike straight-fin heat sinks, the cross-cut design allows for efficient cooling even if the airflow is not perfectly aligned. It is ideal for crowded PCB environments.
* **Push-Pin Mounting:** It uses two plastic or brass pins with internal springs. This ensures constant pressure (clamping force) on the electronic component, which improves the heat transfer through the Thermal Interface Material (TIM).
* **Blue Anodized Coating:** The blue coating is not just for aesthetics; it provides corrosion resistance and increases surface emissivity, which slightly improves radiative cooling.
---
### 3. Application Use Cases
This specific part is typically found in:
1. **Telecommunications Equipment:** For cooling high-speed processors or ASICs.
2. **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
3. **Power Supplies:** Cooling MOSFETs or Voltage Regulators (VRMs).
---
### 4. Thermal Performance Data
Performance varies based on the air velocity (LFM - Linear Feet per Minute):
| Air Velocity | 1.0 m/s (200 LFM) | 2.0 m/s (400 LFM) | 3.0 m/s (600 LFM) |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance** | 7.14 °C/W | 4.62 °C/W | 3.67 °C/W |
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate the required spring force for a pushPIN mount?
- ⤷ Can this heat sink be used with a thermal pad instead of thermal grease?