ATS-20D-209-C2-R0
AI

The **ATS-20D-209-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "superGRIP" series, designed primarily for cooling high-power electronic components such as BGAs (Ball Grid Arrays), CPUs, and GPUs.
---
## 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | superGRIP™ |
| **Material** | Aluminum (AL 6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | superGRIP™ Clip (Plastic Frame + Spring Clip) |
| **Dimensions (L x W x H)** | 70.00mm x 70.00mm x 10.00mm |
| **Thermal Resistance** | Approx. 6.27°C/W (Natural Convection) |
| **TIM (Thermal Interface Material)** | Pre-applied T766 (High performance) |
---
## 2. Key Electronic Features
### A. Low-Profile Fin Design
The "209" in the part number indicates a specific fin pattern. With a height of only **10mm**, this heat sink is designed for space-constrained electronic enclosures where airflow may be limited but surface area is still required for dissipation.
### B. superGRIP™ Attachment Mechanism
Unlike traditional heat sinks that use adhesive tape or require holes drilled into the PCB, the ATS-20D series uses a mechanical clip system:
* **Plastic Frame:** A high-strength plastic frame clips onto the base of the BGA component.
* **Spring Clip:** A stainless steel spring clip applies consistent pressure across the center of the component, ensuring maximum thermal contact.
* **Safety:** This prevents "walking" or shifting during thermal expansion/contraction or vibration.
### C. Thermal Interface Material (TIM)
The unit comes with **T766** phase-change material pre-applied. In electronics, the TIM is crucial because it fills microscopic air gaps between the component die and the heat sink base, significantly reducing thermal impedance.
---
## 3. Applications in Electronics
This part is commonly found in industrial and telecommunications equipment, including:
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Embedded Systems:** For industrial PCs where vertical space is limited.
* **Power Electronics:** Dissipating heat from large-scale MOSFET or IGBT modules that utilize BGA-style packaging.
---
## 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **20D** | Series/Attachment Type (superGRIP) |
| **209** | Specific Fin Geometry and Footprint (70x70mm) |
| **C2** | Color/Finish (Blue Anodized) |
| **R0** | Revision code |
- ⤷
What is the thermal conductivity of the T766 interface material used in this part?
- ⤷ How does the superGRIP clip mechanism compare to push-pin mounting in terms of PCB stress?
- ⤷ What is the recommended airflow (LFM) to achieve optimal cooling for this 10mm profile?