ATS-20D-24-C2-R0
AI

The **ATS-20D-24-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **blueICE™** series and is designed for high-efficiency cooling in constrained environments.
---
## 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 7.14°C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 20.00mm |
| **Pin Type** | Fine Pitch (High Density) |
---
## 2. Key Electronic Features
### A. pushPIN™ Attachment System
This component features a specialized attachment mechanism designed to provide consistent pressure on the electronic component (CPU, FPGA, or GPU).
* **Pre-assembled Springs:** Ensures the heat sink is held securely against the chip.
* **Plastic/Brass pushPINs:** Provides a secure fit into standard PCB holes (usually 3.0mm holes).
### B. Thermal Interface Material (TIM)
The "R0" suffix typically denotes the inclusion of a pre-applied thermal interface.
* **ATS-PPS-20:** A high-performance thermal pad or grease is pre-applied to the base to ensure low thermal resistance between the component and the heat sink.
### C. Aerodynamic Fin Design
The fin structure is optimized for **forced air cooling** (active airflow). The "D" in the part number represents a specific fin density designed to balance surface area with pressure drop, preventing "dead zones" where heat might get trapped.
---
## 3. Application Use Cases
This specific model is commonly found in the following electronic systems:
* **Telecommunications:** Cooling network switches and routers.
* **Embedded Computing:** Thermal management for industrial Single Board Computers (SBCs).
* **Power Supplies:** Dissipating heat from high-power MOSFETs or voltage regulators.
* **Medical Electronics:** Used in imaging or diagnostic equipment where reliability is critical.
---
## 4. Mechanical Drawing Reference
If you are designing a PCB for this part, note the following layout requirements:
```text
Pitch Details:
- Hole spacing (Center-to-Center): 38.00 mm
- Total Footprint: 45.00 mm x 45.00 mm
- Height above PCB: 20.00 mm
```
- ⤷
What is the significance of the 'Blue Anodized' finish for electronic components?
- ⤷ How do I calculate the required airflow (LFM) for this heat sink in my design?
- ⤷ Are there alternative attachment methods if my PCB doesn't have pushPIN holes?