ATS-20D-26-C2-R0
AI

The **ATS-20D-26-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin |
| **Dimensions (L x W x H)** | 70mm x 70mm x 10mm |
| **Fin Pattern** | Fine Pitch (Square/Cross-Cut) |
| **Thermal Resistance** | Variable based on Airflow (High efficiency) |
---
## 2. Key Electronic Features
### A. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the `-R0` series utilizes a push-pin mechanism.
* **Pressure:** Includes a pre-assembled compression spring to ensure even pressure across the component surface.
* **Reliability:** Provides a secure mechanical connection that is resistant to vibration and shock.
### B. Material & Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized:** The surface treatment increases emissivity (improving radiant heat transfer) and provides corrosion resistance.
### C. Thermal Interface Material (TIM)
The part typically comes with a pre-applied **Phase Change Material (PCM)** or a thermal pad. This fills the microscopic air gaps between the heat sink and the chip to maximize heat transfer.
---
## 3. Performance Analysis
The effectiveness of this heat sink is measured by its thermal resistance ($^\circ\text{C/W}$).
* **Unducted Flow:** Higher resistance; relies on ambient air movement within a chassis.
* **Ducted Flow:** Lower resistance; maximum efficiency is achieved when air is forced directly through the fin array.
### Application Use-Cases:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Power Electronics:** Dissipating heat from MOSFETs or IGBTs.
3. **Industrial PCs:** Compact cooling for embedded boards where vertical space (10mm height) is limited.
---
- ⤷
How do I calculate the required airflow for this heat sink?
- ⤷ What are the advantages of push-pin mounting over thermal tape?
- ⤷ Is there a version of this heat sink with a higher profile for better cooling?