ATS-20D-30-C2-R0
AI

The **ATS-20D-30-C2-R0** is a specific part number for a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed primarily for cooling electronic components like BGA (Ball Grid Array) packages.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-20D-30-C2-R0 |
| **Component Type** | Heat Sink (Passive Cooling) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 30.00mm x 30.00mm x 25.00mm |
| **Thermal Resistance** | 3.50 °C/W @ 200 LFM |
---
## Electronic & Mechanical Components
### 1. Thermal Management Profile
This component is designed to dissipate heat from integrated circuits (ICs). Its **fluted fin design** (maxiFLOW™) increases the surface area while reducing pressure drop, which allows for more efficient cooling in environments with low to medium airflow.
### 2. pushPIN™ Attachment System
The "R0" at the end of the part number typically refers to the specific attachment kit. This system includes:
* **Springs:** Provides consistent pressure (Pre-assembled).
* **Pins:** Brass or plastic pins that secure the heat sink to the PCB through pre-drilled holes.
* **Thermal Interface Material (TIM):** This part usually comes with **T766** pre-applied, which is a phase-change material that fills microscopic gaps between the chip and the heat sink.
### 3. Material Properties
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just for aesthetics; it provides surface protection against corrosion and slightly increases emissivity for better heat radiation.
---
## Application Use Cases
* **Network Switches/Routers:** Cooling high-speed processors.
* **Power Supplies:** Managing heat in MOSFETs or voltage regulators.
* **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
- ⤷
What are the alternative attachment methods to pushPIN for this heat sink?
- ⤷ How does the fin height affect the thermal resistance in this specific model?
- ⤷ Is this heat sink compatible with standard BGA chip sizes like 27x27mm?