ATS-20D-41-C3-R0
AI

The **ATS-20D-41-C3-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It is part of their "pushPIN™" series, designed for cooling integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table highlights the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 10mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring (Steel) |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the exact configuration:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **20D:** Series designation (Push-pin attachment system).
* **41:** Length/Width dimension class (approx. 40mm).
* **C3:** Specific fin height and density configuration.
* **R0:** Revision code / Packaging indicator.
---
### 3. Key Electronic Components & Features
#### A. Thermal Interface Material (TIM)
The base of this heatsink comes pre-applied with **T412**, which is a high-performance thermal pad. This ensures there are no microscopic air gaps between the electronic chip (heat source) and the aluminum base, significantly reducing thermal resistance.
#### B. Push-Pin Mounting System
Instead of using messy adhesives or permanent solder, this part uses a mechanical **Push-Pin** system.
* **Benefits:** It provides consistent pressure (load) on the electronic component, which is critical for maximizing heat transfer without cracking the silicon die.
* **Ease of Service:** It allows for non-destructive removal if the PCB needs repair or the component needs to be re-pasted.
#### C. Straight Fin Design
The fins are oriented in a "Straight Fin" pattern. In electronics cooling, this is optimized for **forced-air cooling** (using a fan). The air flows through the channels between the fins to carry heat away from the PCB.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 10.07 |
| 300 (1.5 m/s) | 3.20 |
| 500 (2.5 m/s) | 2.00 |
---
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ Can this heatsink be used in passive cooling applications without a fan?
- ⤷ What is the operating temperature range for the T412 thermal interface material?