ATS-20D-55-C2-R0
AI

The **ATS-20D-55-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed to provide high cooling efficiency in environments with constrained airflow.
---
### Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-20D-55-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 25mm x 25mm x 20mm |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 4.84°C/W (at 200 LFM) |
| **Compatibility** | R-Series (maxiFLOW™) |
---
### Key Features and Electronic Design
#### 1. maxiFLOW™ Geometry
The primary feature of this part is the **flared fin structure**. Unlike standard square-fin heat sinks, the maxiFLOW™ design features fins that spread outward. This increases the surface area for heat dissipation and decreases pressure drop, which is critical for electronic components packed tightly on a PCB.
#### 2. pushPIN™ Attachment System
The "R0" suffix refers to the specific attachment kit. The **pushPIN™** system uses a compression spring and a plastic pin that inserts into holes on the PCB.
* **Benefits:** Ensures uniform pressure across the component (like a CPU or FPGA), improving thermal interface material (TIM) performance.
* **Reliability:** It is more secure than thermal tape or epoxy, making it suitable for high-vibration environments.
#### 3. Material and Finish
* **AL6063 Aluminum:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** Provides corrosion resistance and electrical insulation. It also slightly increases the emissivity of the surface, aiding in radiative cooling.
---
### Performance Overview
Thermal resistance is the most critical metric for an electronic heat sink. The lower the number, the better the heat transfer.
* **Unducted Flow (100 LFM):** ~7.10°C/W
* **High Airflow (700 LFM):** ~2.30°C/W
### Typical Applications
This specific size and performance profile are commonly used for:
* **FPGAs and ASICs:** High-heat processors in networking equipment.
* **Power Modules:** DC-DC converters that generate localized heat.
* **Embedded Systems:** Industrial PCs where space is limited but cooling demands are high.
- ⤷What is the difference between pushPIN and thermal tape mounting for this part?
- ⤷ How does the flared fin design affect the pressure drop in a chassis?
- ⤷ Can this heat sink be used with a custom thermal interface material?