ATS-20D-60-C2-R0
AI

The **ATS-20D-60-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and other high-heat surface-mount devices.
---
### 1. Technical Specifications
The part number itself contains encoded information about the dimensions and material.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Fin Type** | Straight |
| **Thermal Resistance** | 1.45°C/W (at 200 LFM) |
| **Attachment Method** | Push Pin (with Spring) |
---
### 2. Physical Dimensions
Precision measurements are critical for PCB clearance and ensuring no interference with surrounding components.
| Dimension | Value (mm) | Description |
| :--- | :--- | :--- |
| **Length (A)** | 40.00 mm | Base length |
| **Width (B)** | 40.00 mm | Base width |
| **Height (C)** | 25.00 mm | Total height from base to top of fins |
| **Pitch (E)** | 45.00 mm | Hole spacing (horizontal) |
| **Pitch (F)** | 45.00 mm | Hole spacing (vertical) |
---
### 3. Key Electronic/Mechanical Features
* **Attachment Style:** It uses a **Push Pin and Spring** mechanism. This ensures constant pressure (load) on the component, which optimizes the thermal interface material (TIM) performance and prevents the heat sink from shifting during vibration.
* **Thermal Performance:** The "straight-fin" design is optimized for **forced air cooling**. The efficiency increases significantly as the Linear Feet per Minute (LFM) of airflow increases.
* **Material Properties:** Made from AL6063 aluminum, which offers a high strength-to-weight ratio and excellent thermal conductivity. The Blue Anodized finish provides a protective layer against corrosion and slightly increases emissivity.
* **Compliance:** This part is **RoHS and REACH compliant**, meeting environmental standards for electronic manufacturing.
---
### 4. Implementation Example
If you were designing a PCB, the layout for this part would look like this in a CAD tool:
```markdown
# PCB Footprint Notes:
- Hole Diameter: 3.175mm (typical for ATS push pins)
- Clearance Zone: 42mm x 42mm (recommended to avoid component collision)
- Interface: Requires Thermal Grease or a Phase Change Material (PCM) pad
```
- ⤷
What is the thermal resistance at higher airflow speeds like 500 LFM?
- ⤷ Are there different spring tension options for this specific model?
- ⤷ Can this heat sink be used with adhesive tape instead of push pins?