ATS-20D-62-C2-R0
AI

The **ATS-20D-62-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** product line, designed to optimize airflow and cooling for high-power electronic components.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance (Unducted)** | 16.48 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.96 °C/W |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Weight** | ~4.1 grams |
---
### 2. Electronic Application & Design
This part is not an active electronic component (like a transistor) but a **passive thermal solution** critical for the longevity of integrated circuits (ICs).
* **Airflow Optimization:** The maxiFLOW™ design features a flared fin structure which increases the surface area while reducing pressure drop. This is crucial for dense PCB layouts where airflow may be restricted.
* **pushPIN™ Attachment:** This system includes a flexible "push-pin" mechanism and a compression spring. It provides a precise "Pre-Assembled" pressure to the component, ensuring maximum thermal transfer through the interface material without damaging the silicon die.
* **Thermal Interface Material (TIM):** It typically comes pre-applied with high-performance phase-change material or thermal grease to minimize the air gaps between the heat sink and the electronic chip.
---
### 3. Common Use Cases
The ATS-20D-62-C2-R0 is typically found in the following electronic environments:
1. **Networking Hardware:** Switches, routers, and high-speed modems.
2. **Power Supplies:** Cooling MOSFETs or voltage regulators.
3. **Embedded Systems:** Industrial PCs and automation controllers.
4. **Telecommunications:** Base stations and signal processing units.
---
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ How does the pushPIN attachment system compare to traditional adhesive tapes?
- ⤷ What are the specific airflow requirements (LFM) for this heat sink to reach its maximum efficiency?