AI

The **ATS-20D-75-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to maximize heat dissipation in high-airflow environments.
---
### 1. Technical Specifications
The part number provides specific information about its dimensions, material, and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 10.00mm |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 5.25°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic Features
#### A. maxiFLOW™ Fin Design
Unlike standard square-cut fins, the maxiFLOW™ design features a **tapered fin structure**. This reduces pressure drop and increases the surface area exposed to the air stream, significantly improving the thermal transfer efficiency from the semiconductor to the ambient air.
#### B. pushPIN™ Attachment System
The "R0" suffix indicates the inclusion of the **pushPIN™** assembly system.
- It uses a brass pin and a compression spring.
- It provides a calculated, consistent pressure on the electronic component, ensuring optimal contact with the Thermal Interface Material (TIM).
- This prevents "tilting" or uneven cooling, which can damage sensitive chips like BGA processors.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied. In power electronics, the TIM is crucial because it fills microscopic air gaps between the heat sink and the component, lowering the contact resistance.
---
### 3. Application Use Cases
This specific heat sink is typically used for cooling high-heat-density components in tight spaces:
* **BGA (Ball Grid Array) Components:** High-speed processors and FPGAs.
* **Networking Hardware:** High-performance routers and switches.
* **Power Supplies:** Cooling MOSFETs or power ICs.
* **Embedded Systems:** Industrial PCs where vertical clearance (10mm height) is limited.
---
### 4. Part Number Breakdown
```text
ATS - 20 - D - 75 - C1 - R0
| | | | | |
| | | | | +-- Attachment (pushPIN™ / Spring)
| | | | +------- Thermal Performance/Color (C1 = Blue Anodized)
| | | +------------ Height (10.00mm)
| | +---------------- Fin Pitch/Pattern
| +--------------------- Serial Identifier
+-------------------------- Advanced Thermal Solutions
```
- ⤷
What are the benefits of the pushPIN attachment over adhesive tapes?
- ⤷ How does the 10mm height impact the airflow in a low-profile chassis?
- ⤷ Can this heat sink be used for CPUs with higher TDP than its rating?