ATS-20D-93-C2-R0
AI

The **ATS-20D-93-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the "maxiFLOW" product line, designed to optimize airflow and heat dissipation for electronic integrated circuits (ICs).
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown of its specifications:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Flowing Air)** | 1.23°C/W @ 200 LFM |
| **Thermal Resistance (Static Air)** | 7.37°C/W |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 15.00mm |
| **Pitch** | 4.75mm (Variable based on fin design) |
---
### 2. Key Components & Features
#### A. The pushPIN™ Attachment
Unlike adhesive tapes or simple clips, the "20D" designation indicates a specific attachment system:
* **Compression Springs:** Provide precise pressure to ensure maximum contact between the heat sink base and the component.
* **Plastic Push Pins:** Allow for secure mounting through pre-drilled holes in the PCB.
#### B. maxiFLOW™ Fin Design
The geometry of the fins is "flared," meaning they spread outward at the edges. This design:
* Increases the surface area for heat exchange.
* Reduces pressure drop, allowing air to flow more easily through the sink.
* Is ideal for environments where air velocity is high.
#### C. Thermal Interface Material (TIM)
The **C2** suffix indicates that this model comes pre-applied with **ATS-PPS-11**. This is a high-performance thermal grease that fills microscopic air gaps between the heat sink and the chip to improve heat transfer.
---
### 3. Electronic Application
This part is typically used to cool high-heat-generating components such as:
* **CPUs / GPUs:** Central or Graphics processing units in embedded systems.
* **FPGAs:** Field Programmable Gate Arrays that require stable thermal environments.
* **ASICs:** Application Specific Integrated Circuits used in networking or telecommunications.
---
### 4. Part Number Breakdown
To understand the "Electronic DNA" of this part:
`ATS - 20D - 93 - C2 - R0`
1. **ATS**: Manufacturer (Advanced Thermal Solutions).
2. **20D**: Attachment style (Push-pin with specific spring tension).
3. **93**: Specific internal dimension/fin configuration code.
4. **C2**: Thermal Interface Material type (T766 or equivalent grease).
5. **R0**: Revision or RoHS compliance status.
- ⤷
What are the PCB hole requirements for mounting the pushPIN™ system?
- ⤷ How does blue anodizing affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a fan attachment?