ATS-20D-97-C2-R0
AI

The **ATS-20D-97-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Finish** | Blue Anodized |
| **Thermal Resistance (Flowing)** | 2.03 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 1.14 °C/W @ 700 LFM |
| **Dimensions** | 45.00mm x 45.00mm |
| **Height** | 12.70mm |
---
### 2. Key Component Features
#### A. The pushPIN™ Attachment System
Unlike adhesive tapes or simple clips, the `pushPIN™` system ensures a secure and consistent pressure across the interface between the heat sink and the electronic component. This minimizes the air gap and optimizes heat transfer.
#### B. Cross-Cut Fin Design
The "97" in the part number refers to a specific fin pattern. This heat sink uses a **straight fin/cross-cut** design which:
* Increases surface area for radiation and convection.
* Allows for multi-directional airflow, making it versatile for different PCB layouts.
#### C. C2 (Thermal Interface Material)
The **C2** designation indicates that this model comes pre-applied with **ATS-PPS-2** thermal interface material. This is a high-performance thermal pad or grease that fills microscopic imperfections between the component surface and the heat sink base.
---
### 3. Application Use Cases
This specific part is typically found in:
1. **Telecommunications:** Cooling of networking processors and ASICs.
2. **Embedded Systems:** Industrial PCs where space is limited but heat generation is high.
3. **Power Electronics:** Cooling of MOSFETs or voltage regulators in power supplies.
---
### 4. Mechanical Drawing Reference
```text
Dimensions (mm):
L: 45.00
W: 45.00
H: 12.70
E: 38.10 (Pitch between pins)
F: 38.10 (Pitch between pins)
```
- ⤷
What are the different types of pushPIN materials available for this series?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to a raw finish?
- ⤷ What is the recommended hole size on the PCB for installing the ATS-20D-97-C2-R0?