ATS-20E-41-C2-R0
AI

The **ATS-20E-41-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define its physical and thermal characteristics:
| Specification | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 10.03°C/W (Unducted Flow @ 100 LFM) |
| **Attachment Method** | Push-Pin (with springs) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
---
### 2. Key Components & Features
#### A. Fin Pattern (Straight Fin)
This model utilizes a **straight fin** design. Straight fins are ideal for applications where the airflow is unidirectional and consistent. They offer low resistance to airflow (low pressure drop).
#### B. Push-Pin Attachment Mechanism
Instead of using messy thermal adhesives or tapes, this unit uses a mechanical push-pin system:
* **Pins:** Brass or Plastic (depending on specific revision).
* **Springs:** Provides consistent pressure (Pre-assembled) to ensure maximum contact between the heat sink base and the component.
* **Reliability:** Mechanical mounting is more vibration-resistant than adhesive tape.
#### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number usually signifies the inclusion of a high-performance **Phase Change Material (PCM)** or thermal pad pre-applied to the base. This fills microscopic air gaps between the heat sink and the chip to improve heat transfer.
---
### 3. Application Use Cases
* **Embedded Systems:** Used on motherboards for small-form-factor PCs.
* **Telecommunications:** Cooling for network switches and routers.
* **Power Supplies:** Managing heat for MOSFETs or voltage regulators.
---
### 4. Dimensional Diagram Representation
```text
40mm (W)
_________________
| ||||||||||||| |
| ||||||||||||| | -- 10mm (H)
|_________________|
40mm (L)
```
- ⤷
What are the alternative attachment methods to Push-Pins for this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ What is the recommended airflow (LFM) for optimal cooling with the ATS-20E-41-C2-R0?