ATS-20F-03-C2-R0
AI

The **ATS-20F-03-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.*
Below is a detailed breakdown of its electronic and physical specifications.
### 1. Product Overview
This part belongs to the **blueICE™** and **pushPIN™** series. It is designed for cooling electronic components such as CPUs, GPUs, or power transistors that generate significant heat during operation.
---
### 2. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Base Part Number** | ATS-20F-03-C2-R0 |
| **Type** | Top Mount Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 15.85°C/W (Unducted Flow @ 100 LFM) |
---
### 3. Physical Dimensions
Precision sizing is critical for ensuring the component fits within the PCB layout without interfering with other surface-mount devices (SMDs).
* **Length (A):** 40.00 mm
* **Width (B):** 40.00 mm
* **Height (C):** 15.00 mm
* **Pitch (E):** 33.00 mm (Distance between attachment holes)
---
### 4. Key Electronic Cooling Features
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a phase-change material that fills microscopic air gaps between the heat source and the sink to maximize heat transfer.
* **Fin Design:** It utilizes a **Fine Pitch** fin pattern, which increases the surface area for heat dissipation, making it ideal for systems with high-velocity airflow.
* **Spring-Loaded Attachment:** The "pushPIN™" system ensures constant, uniform pressure across the component surface, preventing "hot spots" caused by uneven contact.
---
### 5. Application Code Structure
The part number can be decoded as follows:
| Segment | Meaning |
| :--- | :--- |
| **ATS-20** | Series and specific geometry |
| **F** | Fine pitch fin configuration |
| **03** | Specific dimensions/height code |
| **C2** | Material/Finish (Aluminum / Blue Anodized) |
| **R0** | Revision or Packaging code |
- ⤷
What are the airflow requirements for optimal cooling with this heat sink?
- ⤷ How do I calculate the thermal resistance for my specific PCB environment?
- ⤷ Are there alternative attachment methods if my PCB doesn't have pushPIN holes?