ATS-20F-04-C2-R0
AI

The **ATS-20F-04-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components such as processors, FPGAs, and ASICs.
---
## 1. Technical Specifications
Below are the primary electronic and mechanical specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | 11.55°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Fin Type** | Fine Pitch (Straight Fin) |
| **Thermal Interface** | T766 (Pre-applied Phase Change Material) |
---
## 2. Key Electronic Features
### A. Thermal Performance
The "C2" in the part number indicates a specific thermal profile. In electronic systems, this heat sink is designed to dissipate heat away from the semiconductor die to prevent **thermal throttling** or permanent damage.
* **Low Airflow:** 11.55°C/W
* **High Airflow (800 LFM):** 1.45°C/W
* **Efficiency:** The fine-pitch fin design maximizes surface area for forced convection.
### B. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, the **R0** variant uses a push-pin system.
1. **Mechanical Stability:** Ensures consistent pressure across the component for better heat transfer.
2. **Material:** The pins are typically brass or plastic with a stainless steel spring.
3. **Drill Pattern:** Requires specific holes in the PCB (Printed Circuit Board).
### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied. This is a high-performance thermal pad that softens at operating temperatures to fill microscopic air gaps between the chip and the heat sink base.
---
## 3. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **20** | Product Series |
| **F** | Fin Pattern (Fine-Pitch) |
| **04** | Dimensions/Configuration Code |
| **C2** | Thermal Performance Level / Material Grade |
| **R0** | RoHS Compliant / Revision Status |
---
## 4. Usage Considerations
* **Board Layout:** You must ensure the PCB has the correct hole spacing (typically 38mm for this series) to accommodate the push-pins.
* **Clearance:** With a height of 25mm, ensure there is no interference with adjacent capacitors or chassis enclosures.
* **Airflow Direction:** Straight fin designs are highly directional; they perform best when airflow is parallel to the fins.
- ⤷
What is the exact hole pattern spacing required for the ATS-20F-04-C2-R0 push-pins?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used for passive cooling without a fan?