ATS-20F-102-C2-R0
AI

The **ATS-20F-102-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS)** heat sink designed for cooling integrated circuits (ICs) and other electronic components.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-20F-102-C2-R0 |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Type** | Board Level Heat Sink |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 5.24°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
---
### Key Electronic & Mechanical Features
#### 1. pushPIN™ Attachment System
This part utilizes a specialized "pushPIN" mechanism. In electronics assembly, this allows for:
* **Uniform Pressure:** Ensures consistent contact between the heat sink and the processor/component.
* **Secure Mounting:** Uses a brass or plastic pin with a high-tension spring to prevent the heat sink from shifting during vibration or shipping.
#### 2. Fin Design (High Performance)
The "F" in the part number often refers to the fin geometry. These are designed for **forced air environments** (fans). The fins are precision-cut to maximize surface area while minimizing pressure drop across the component.
#### 3. Material and Thermal Interface
* **Aluminum Construction:** Offers a lightweight solution with high thermal conductivity.
* **Blue Anodized Finish:** Not only provides aesthetic value but also increases surface emissivity and protects the aluminum from corrosion.
* **C2 Designation:** This typically indicates a specific Thermal Interface Material (TIM) or attachment kit configuration provided by ATS.
---
### Component Application
This heat sink is commonly used on:
* **CPUs/GPUs:** Small form factor processors.
* **FPGAs:** Field Programmable Gate Arrays that generate significant heat.
* **Telecommunications Gear:** Used in routers and switches where airflow is directed through the chassis.
- ⤷
How do I calculate the thermal resistance required for my specific chip?
- ⤷ What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ What are the advantages of pushPIN vs. thermal adhesive tape?