ATS-20F-12-C2-R0
AI

The **ATS-20F-12-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for cooling electronic components such as BGA (Ball Grid Array) chips, CPUs, and GPUs.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | ~0.90 °C/W (at 200 LFM) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (H)** | 25mm |
---
## 2. Key Features
### A. maxiFLOW™ Design
The "F" in the part number signifies the **maxiFLOW™** geometry. Unlike standard square fin heat sinks, these feature a spread-fin pattern. This design reduces pressure drop and increases the surface area, making them highly efficient in forced-air environments (systems with fans).
### B. pushPIN™ Attachment
The "C2" suffix typically refers to the attachment hardware. This model uses a **pushPIN™** system which includes:
* **Compression Springs:** Ensures precise pressure is applied to the component for maximum heat transfer.
* **Flexible Mounting:** Fits pre-drilled holes in the PCB (Printed Circuit Board).
* **Security:** Provides a more reliable mechanical connection than thermal adhesive tapes in high-vibration environments.
### C. Thermal Interface Material (TIM)
The **R0** suffix indicates that the heat sink comes with a **pre-applied Thermal Interface Material**. This eliminates the need for manual application of thermal paste, ensuring a uniform layer between the heat sink base and the electronic component.
---
## 3. Thermal Performance Comparison
Thermal performance varies based on the airflow (measured in Linear Feet per Minute - LFM).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 0.90 |
| 400 (2.0 m/s) | 0.60 |
| 600 (3.0 m/s) | 0.45 |
---
## 4. Application Use Cases
* **Telecommunications:** Cooling high-speed processors in routers and switches.
* **Power Supplies:** Managing heat in industrial power converters.
* **Embedded Computing:** Providing thermal management for SoCs (System on Chip) in ruggedized computers.
- ⤷
What are the exact PCB hole diameters required for the pushPIN attachment?
- ⤷ How does the 'Blue Anodized' finish affect the thermal emissivity of the part?
- ⤷ Is this heat sink compatible with standard 45mm BGA footprints?