ATS-20F-135-C2-R0
AI

The **ATS-20F-135-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heatsink**. It is designed for cooling electronic components such as CPUs, GPUs, or power modules in space-constrained environments.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Here are the primary characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Fin Style** | XC (Cross-Cut) |
| **Thermal Resistance** | 3.00°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 20mm |
---
### 2. Design and Construction
The design of this heatsink focuses on maximizing surface area while ensuring secure physical contact with the PCB.
* **XC (Cross-Cut) Fin Design:** The fins are cut both vertically and horizontally. This creates a "pin" or "tower" effect which allows for multi-directional airflow, making it highly effective in systems where the direction of the cooling fan may vary.
* **Material Selection:** Using aluminum keeps the part lightweight while maintaining high thermal conductivity. The blue anodized finish provides corrosion resistance and improves emissivity.
* **pushPIN™ Attachment:** This specific model uses a spring-loaded pin system. This is superior to simple adhesive tapes because it provides a consistent, high-pressure interface between the heatsink and the component, optimizing heat transfer.
---
### 3. Thermal Performance Metrics
Thermal resistance indicates how effectively the part moves heat away from the component. A lower number is better.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 6.63 |
| 200 (1.0 m/s) | 3.00 |
| 400 (2.0 m/s) | 1.81 |
| 600 (3.0 m/s) | 1.42 |
---
### 4. Key Component Benefits
1. **Pre-Assembled:** Usually comes with the pushPIN™ and springs pre-installed to reduce assembly time on the production line.
2. **Thermal Interface Material (TIM):** Most "-R0" variants come with a pre-applied high-performance phase-change material or thermal pad, ensuring no additional paste is required during installation.
3. **Mechanical Stability:** The mechanical attachment prevents the heatsink from shifting or falling off during high-vibration scenarios (common in industrial or aerospace applications).
- ⤷
What is the hole pattern required on the PCB for the pushPIN attachment?
- ⤷ How does 'Blue Anodized' compare to 'Black Anodized' in terms of thermal emissivity?
- ⤷ Can this heatsink be used in passive cooling (zero airflow) environments?