ATS-20F-142-C3-R0
AI

The part number **ATS-20F-142-C3-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Specification Overview
The following table breaks down the technical characteristics of this specific thermal management component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Category** | Thermal Management - Heat Sinks |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Thermal Resistance** | 4.92°C/W @ 100 LFM (Linear Feet per Minute) |
| **Shape** | Square, Fine Pitch Fins |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring the heat sink fits within the PCB layout without interfering with surrounding components.
* **Length:** 30.00 mm
* **Width:** 30.00 mm
* **Height:** 15.00 mm
* **Hole Pattern:** 24.00 mm (Distance between push pin holes)
---
### 3. Component Breakdown (Nomenclature)
The part number can be decoded to understand its specific configuration:
1. **ATS**: Manufacturer prefix (Advanced Thermal Solutions).
2. **20F**: Series designation (typically refers to the fin style and attachment type).
3. **142**: Dimensional code for the specific footprint (30mm x 30mm).
4. **C3**: Material/Finish code (indicates Blue Anodized finish).
5. **R0**: Revision or specific packaging/material compliance code.
---
### 4. Key Features & Applications
* **High Efficiency:** Uses a "Fine Pitch" fin design which increases the surface area for heat dissipation compared to standard extrusions.
* **Pre-assembled Thermal Interface:** These units usually come with a **Thermal Interface Material (TIM)** pre-applied to the base to ensure optimal heat transfer from the chip.
* **Push Pin Mounting:** Provides a secure mechanical attachment to the PCB, ensuring constant pressure on the electronic component for consistent cooling performance.
* **Common Use Cases:**
* Network Switches and Routers.
* Embedded Computing Systems.
* Power Supplies and Voltage Regulators.
- ⤷What is the difference between push-pin and adhesive mounting for heat sinks?
- ⤷ How do I calculate the required LFM for this heat sink?
- ⤷ Are there alternative finishes to Blue Anodized for this model?