ATS-20F-147-C3-R0
AI

## Overview of ATS-20F-147-C3-R0
The **ATS-20F-147-C3-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **blueICE™** series and is specifically designed for cooling electronic components like BGA (Ball Grid Array) packages.
---
### Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | Push-Pin (2-Pin) |
| **Thermal Resistance** | 13.65°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 10.00mm |
| **Fin Style** | Straight Fin |
| **Spring Type** | Brass |
---
### Key Electronic & Mechanical Components
#### 1. Heat Sink Body
The core is made of **aluminum**, chosen for its excellent thermal conductivity and lightweight properties. The **Black Anodized** finish increases the surface emissivity, allowing for better heat radiation compared to bare metal.
#### 2. Push-Pin Attachment
This model uses a **2-pin push-pin system**.
- **Spring-loaded pins:** These provide a precise amount of pressure (preload) against the electronic chip to ensure maximum contact with the thermal interface material (TIM).
- **Material:** Usually made of brass or plastic with a stainless steel spring.
#### 3. Thermal Interface Material (TIM)
The "C3" in the part number often indicates the type of thermal interface pre-applied to the base.
- It typically features **T766** phase-change material or a similar high-efficiency pad.
- **Function:** Fills microscopic air gaps between the CPU/GPU and the heat sink to lower thermal resistance.
---
### Application Usage
This specific part is commonly found in:
* **Networking Equipment:** Routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Voltage regulators and high-speed processors that require compact cooling solutions.
---
- ⤷
What is the significance of the 'R0' suffix in this part number?
- ⤷ Can this heat sink be used with a cooling fan?
- ⤷ What is the recommended hole pattern for the push-pin installation?