ATS-20F-150-C2-R0
AI

The **ATS-20F-150-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed for the cooling of electronic components such as CPUs, GPUs, FPGAs, and power modules.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 1.60°C/W (at 200 LFM) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 25mm |
| **Fin Style** | XC-CUT (Cross-Cut) |
---
### 2. Key Electronic Features
#### A. pushPIN™ Attachment System
Unlike traditional adhesive-based heat sinks, this model uses a **pushPIN™** system. This involves a pre-drilled hole pattern on the PCB where a spring-loaded pin secures the heat sink.
* **Benefits:** Ensures consistent pressure (clamping force) across the component for better thermal transfer and prevents the heat sink from shifting during vibration or shipping.
#### B. Cross-Cut (XC-CUT) Fin Design
The fins are not just parallel lines; they are cut in a grid-like pattern.
* **Efficiency:** This design allows for "omni-directional" airflow. It can dissipate heat effectively regardless of which direction the cooling fan is blowing, making it ideal for crowded PCB environments.
#### C. Thermal Interface Material (TIM)
This specific model usually comes with a pre-applied **T766** thermal phase-change material or a high-performance thermal pad. This ensures there are no microscopic air gaps between the electronic chip and the aluminum base.
---
### 3. Application Use Cases
This part is commonly found in:
1. **Telecommunications:** Cooling high-speed switching silicon.
2. **Industrial Controls:** Managing heat in motor drivers or power converters.
3. **Embedded Computing:** Protecting processors in fanless or restricted-airflow enclosures.
---
### 4. Thermal Performance Comparison
Thermal resistance ($R_{th}$) determines how many degrees the component temperature rises per Watt of power dissipated.
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 3.22 |
| 200 | 1.0 | 1.60 |
| 400 | 2.0 | 1.11 |
- ⤷
What is the hole pattern required on the PCB for the pushPIN™ attachment?
- ⤷ How does the Blue Anodized finish affect the thermal radiation properties?
- ⤷ Is there a weight limit for components using this specific heat sink?