ATS-20F-160-C2-R0
AI

The **ATS-20F-160-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent thermal throttling or component failure.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Type** | Top Mount Heat Sink |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Thermal Resistance** | 6.67°C/W (at 100 LFM) |
| **Fin Pattern** | Fine Pitch (Rectangular) |
---
### 2. Key Component Features
#### A. Fin Design
The "F" in the part number indicates a **Fine-Pitch** fin geometry. This design increases the total surface area available for heat transfer, making it highly effective in environments with forced-air cooling (fans).
#### B. Push-Pin Attachment
Unlike adhesive-based heat sinks, the **pushPIN™** system uses a spring-loaded mechanism. This ensures:
* **Constant Pressure:** Optimizes the interface between the heat sink and the chip.
* **Secure Mounting:** Highly resistant to shock and vibration.
* **Ease of Assembly:** Can be installed quickly using pre-drilled holes on the PCB.
#### C. Material and Finish
* **Aluminum 6063:** Provides a balance of high thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** Protects the aluminum from corrosion and slightly increases emissivity, improving radiant heat transfer.
---
### 3. Thermal Performance Profile
Thermal resistance varies based on the airflow (Measured in Linear Feet per Minute - LFM):
| Airflow Velocity | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 LFM (0.5 m/s)** | 6.67 |
| **300 LFM (1.5 m/s)** | 2.80 |
| **500 LFM (2.5 m/s)** | 2.10 |
---
### 4. Typical Applications
This part is commonly found in:
* **Networking Equipment:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **CPUs/GPUs:** Small form-factor processors or localized hot spots.
- ⤷
What are the required PCB hole dimensions for the push-pin mounting?
- ⤷ Does this model come with pre-applied thermal interface material (TIM)?
- ⤷ How does blue anodizing compare to black anodizing in terms of thermal efficiency?