ATS-20F-164-C2-R0
AI

The **ATS-20F-164-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and other surface-mount components.
---
### Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Heat Sink Type** | Blue Anodized Aluminum |
| **Fin Configuration** | Fine Pitch (High efficiency) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (H)** | 25mm |
| **Thermal Resistance** | ~2.41°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### Key Features and Electronic Function
#### 1. Heat Dissipation Mechanism
In electronics, excessive heat leads to signal degradation and hardware failure. The ATS-20F-164-C2-R0 acts as a passive cooling system that increases the surface area of the heat-generating component, allowing air to carry away the thermal energy more efficiently.
#### 2. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical **push-pin and spring** assembly.
* **Reliability:** It ensures a constant, uniform pressure on the electronic package (BGA, FPGA, or CPU).
* **Ease of Assembly:** It can be quickly installed into pre-drilled holes on the PCB (Printed Circuit Board).
#### 3. Material and Coating
The part is made of **Aluminum 6063**, which offers high thermal conductivity. The **Blue Anodized** finish is not just aesthetic; it provides:
* Increased corrosion resistance.
* Enhanced surface emissivity (minor improvement in radiation cooling).
* Electrical insulation of the heat sink surface.
#### 4. Thermal Interface Material (TIM)
The base is pre-coated with **T766**, a high-performance phase-change material. This fills the microscopic air gaps between the electronic component's top surface and the heat sink base, significantly reducing thermal resistance at the contact point.
---
### Application Scenarios
This specific heat sink is commonly found in:
* **Networking Gear:** Switches and Routers.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Voltage regulators and high-speed processors.
- ⤷
What is the difference between push-pin and adhesive heat sink mounting?
- ⤷ How does air flow (LFM) impact the thermal resistance of this specific part?
- ⤷ Can this heat sink be used on custom-sized FPGA packages?