ATS-20F-17-C2-R0
AI

The **ATS-20F-17-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, typically used for cooling integrated circuits (ICs), BGAs, and other surface-mount components. It is manufactured by **Advanced Thermal Solutions (ATS)**.
---
### 1. Component Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Category** | Thermal Management (Heat Sinks) |
| **Fin Type** | Cross-Cut (Grid) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | ~15.44°C/W (at 100 LFM) |
---
### 2. Physical Dimensions
Precision is critical for board layout to ensure the heat sink does not interfere with surrounding components.
* **Length:** 35.00 mm
* **Width:** 35.00 mm
* **Height:** 12.70 mm
* **Hole Pattern:** Variable based on push-pin spacing.
---
### 3. Key Electronic/Thermal Features
#### A. Cross-Cut Fin Design
Unlike straight-fin heat sinks, the cross-cut (or pin-fin) design allows for **multi-directional airflow**. This is crucial in compact electronic enclosures where airflow might not be perfectly linear.
#### B. Material and Coating
* **Aluminum 6063:** Provides a balance of high thermal conductivity and lightweight properties.
* **Blue Anodizing:** Besides the aesthetic look, the anodized layer increases surface emissivity (improving radiation heat transfer) and provides corrosion resistance.
#### C. Push-Pin Attachment (R0)
The "R0" suffix denotes the attachment mechanism.
* Uses a **plastic push-pin** with a **brass/steel spring**.
* Requires pre-drilled holes in the PCB.
* Ensures consistent pressure (interface pressure) between the heat sink and the chip for optimal heat transfer via the Thermal Interface Material (TIM).
---
### 4. Typical Applications
This specific size (35mm x 35mm) is commonly found on:
* Network Switches and Routers.
* Embedded computing modules.
* Power supplies and DC-DC converters.
* Field Programmable Gate Arrays (FPGAs).
---
- ⤷
What is the difference between push-pin and adhesive mounting for this heat sink?
- ⤷ How does the 'C2' code in the part number affect the thermal interface material?
- ⤷ What is the recommended airflow (LFM) for optimal performance of the ATS-20F-17-C2-R0?