ATS-20F-173-C2-R0
AI

The **ATS-20F-173-C2-R0** is a high-performance electronic thermal management component, specifically a **push-pin heatsink** designed by Advanced Thermal Solutions (ATS). It is engineered for cooling electronic components such as CPUs, GPUs, or high-power ASICs.
---
### 1. Technical Specifications
The following table details the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heatsink (Push-Pin) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 30.00mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Fin Style** | Fine Pitch (straight fins) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | ~4.72°C/W (at 200 LFM) |
---
### 2. Key Electronic Functions
In an electronic system, this part performs the following critical roles:
* **Heat Dissipation:** It increases the surface area of the semiconductor package, allowing heat to transfer from the silicon die to the ambient air more efficiently via convection.
* **Thermal Interface Management:** The "R0" suffix usually denotes the inclusion of a pre-applied **Thermal Interface Material (TIM)**, which fills microscopic air gaps between the heatsink and the component to improve conductivity.
* **Mechanical Stability:** The push-pin and spring mechanism provide a constant, calibrated pressure (load) on the electronic chip, ensuring optimal thermal contact without cracking the delicate substrate.
---
### 3. Usage Context
This specific part is often found in:
1. **Networking Hardware:** Switches and routers where airflow is constant.
2. **Embedded Systems:** Industrial PCs where high-profile cooling is required in a small 30x30mm footprint.
3. **Power Supplies:** Cooling voltage regulators or MOSFETs.
---
### 4. Part Number Breakdown
```text
ATS - 20 - F - 173 - C2 - R0
| | | | | |
| | | | | +-- Thermal Interface Material / Version
| | | | +------- Color/Finish (Blue Anodized)
| | | +------------- Sequential model ID (Thermal Profile)
| | +------------------ Fin Type (F = Fine Pitch)
| +----------------------- Attachment Series (Push-pin)
+---------------------------- Manufacturer (Advanced Thermal Solutions)
```
- ⤷
What are the specific mounting hole dimensions required for this heatsink?
- ⤷ Can this heatsink be used in passive cooling environments without fans?
- ⤷ What is the thermal conductivity of the pre-applied thermal interface material?