ATS-20F-186-C2-R0
AI

The **ATS-20F-186-C2-R0** is a high-performance electronic thermal management component, specifically a **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
### 1. Technical Specifications
The part number follows a specific naming convention that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 2.80°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 35.00mm |
| **Fin Style** | Straight Fin |
---
### 2. Key Components & Materials
This electronic part is composed of several critical elements that ensure efficient cooling:
* **Heat Sink Body:** Constructed from high-grade aluminum. Aluminum is chosen for its excellent thermal conductivity-to-weight ratio.
* **pushPIN™ Attachment:** This system uses a flexible spring-loaded pin mechanism. It ensures constant pressure between the heat sink and the electronic component, which is vital for optimal heat transfer.
* **Thermal Interface Material (TIM):** This part usually comes with pre-applied **ATS-PPS-20** (or similar) thermal grease or pads. This fills the microscopic air gaps between the component and the heat sink.
* **Blue Anodized Finish:** Beyond aesthetics, the anodized coating provides corrosion resistance and increases surface emissivity, slightly improving radiation cooling.
---
### 3. Thermal Performance (Flow Rate)
The effectiveness of the ATS-20F-186-C2-R0 depends heavily on the airflow (measured in Linear Feet per Minute - LFM) within the electronic enclosure.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 2.80 |
| 200 (1.0 m/s) | 1.71 |
| 300 (1.5 m/s) | 1.39 |
| 400 (2.0 m/s) | 1.22 |
---
### 4. Implementation Considerations
When integrating this part into a PCB design, engineers must consider:
1. **Hole Pattern:** The PCB must have specific drill holes to accommodate the push-pins (usually at a pitch of 45.00mm for this series).
2. **Keep-out Zone:** Ensure no surface-mount components (SMD) are placed under the footprint of the heat sink that might interfere with the flat contact base.
3. **Component Height:** With a 35mm height, it is a "high profile" heat sink, which may not fit in 1U server racks or ultra-thin enclosures.
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate if this heat sink is sufficient for a 15W power component?
- ⤷ Does this model support different spring tensions for the push-pin mechanism?