ATS-20F-22-C3-R0
AI

The **ATS-20F-22-C3-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series, designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 60mm x 60mm |
| **Height** | 12.7mm (Low Profile) |
| **Fin Style** | Flat Fin (Horizontal) |
| **Thermal Resistance** | ~1.3°C/W (at 200 LFM) |
---
### 2. Core Electronic Functions
As a passive electronic component, its primary roles include:
* **Heat Dissipation:** It increases the surface area of the heat-generating component (like a CPU, FPGA, or GPU), allowing the surrounding air to carry away heat more efficiently.
* **Thermal Protection:** By maintaining the junction temperature ($T_j$) of a semiconductor below its maximum rating, it prevents thermal throttling and permanent silicon damage.
* **EMI Shielding (Secondary):** While not its primary purpose, the aluminum mass can provide minor electromagnetic interference shielding for the underlying component.
---
### 3. Key Features of the ATS-22-C3-R0
#### pushPIN™ Attachment
This model utilizes the **pushPIN™** system, which consists of a brass or plastic pin and a high-performance compression spring. This ensures:
1. **Consistent Pressure:** Uniform contact between the heatsink base and the chip for optimal heat transfer.
2. **Vibration Resistance:** Secure mounting that prevents the heatsink from shifting during mechanical shock.
#### Thermal Interface Material (TIM)
The "C3" in the part number indicates that the heatsink comes pre-applied with **T766 Phase Change Material** or a similar high-performance thermal pad. This eliminates the need for manual thermal paste application and ensures a low-resistance thermal path.
#### Aerodynamic Fin Design
The flat fin geometry is optimized for **forced air cooling** (environments with fans). The spacing between fins is calculated to minimize pressure drop while maximizing the air-to-metal contact ratio.
---
### 4. Typical Applications
* **Network Switches/Routers:** Cooling high-speed processing ASICs.
* **Embedded Systems:** Industrial PCs where vertical space is limited (12.7mm height).
* **Power Supplies:** Cooling MOSFETs or power conversion modules.
- ⤷How do I calculate the required LFM (Linear Feet per Minute) for this heatsink?
- ⤷ What is the difference between blueICE™ and other ATS heatsink series?
- ⤷ Are there specific PCB hole patterns required for the pushPIN™ mounting?