Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-20F-32-C3-R0

  • AI
    The **ATS-20F-32-C3-R0** is a specific electronic component primarily classified as a **High-Performance Heat Sink**. It is manufactured by **Advanced Thermal Solutions, Inc. (ATS)** and belongs to their "maxiFLOW™" product line. --- ## 1. Component Overview This part is designed to provide thermal management for electronic components such as CPUs, GPUs, FPGAs, and ASICs. It is engineered to maximize surface area for heat dissipation while maintaining low pressure drop. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Series** | maxiFLOW™ | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Material** | Aluminum (Black Anodized) | | **Thermal Resistance** | 1.15° C/W (@ 200 LFM) | | **Dimension (Length x Width)** | 57.00mm x 57.00mm | | **Height** | 31.75mm | --- ## 2. Key Electronic Features The ATS-20F-32-C3-R0 incorporates several mechanical and thermal features essential for high-density electronic assemblies: ### A. maxiFLOW™ Fin Design The heat sink features a tapered fin structure. Unlike standard extruded heat sinks, this design increases the surface area for cooling while reducing the air resistance (pressure drop), making it highly efficient in forced-air environments (fans). ### B. pushPIN™ Attachment The "32" in the part number refers to the specific attachment mechanism. It uses a **pushPIN™** system which includes: * A brass or plastic pin. * A compression spring to ensure even pressure across the thermal interface material (TIM). * A secure fit that prevents the heat sink from shifting during shock or vibration. ### C. Thermal Interface Material (TIM) The **"C3"** suffix indicates that the part typically comes pre-applied with a high-performance phase-change thermal interface material. This ensures that there are no microscopic air gaps between the electronic component (heat source) and the aluminum base. --- ## 3. Part Number Breakdown The part number follows a specific nomenclature used by ATS: | Segment | Meaning | | :--- | :--- | | **ATS** | Advanced Thermal Solutions | | **20** | Product Series / Family | | **F** | Fin style (Fine Pitch/maxiFLOW) | | **32** | Attachment / Pin length code | | **C3** | Thermal Interface Material (Blue-Dye or Phase Change) | | **R0** | RoHS Compliant status | --- ## 4. Application Use Cases * **Telecommunications:** Used in routers and switches where airflow is directed through a chassis. * **Embedded Computing:** Cooling high-power modules in compact industrial PCs. * **Power Supplies:** Managing heat for MOSFETs and power regulators.
    ✨ Follow-up Questions
    • ⤷ What are the compatible mounting hole dimensions for the pushPIN system used here?
    • ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
    • ⤷ Are there alternative finish options besides black anodized for this specific series?