ATS-20F-37-C2-R0
AI

## Electronic Component Overview: ATS-20F-37-C2-R0
The **ATS-20F-37-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** product line, specifically designed for cooling high-power electronic components such as processors, FPGAs, and ASICs.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-20F-37-C2-R0 |
| **Component Category** | Thermal Management (Heat Sink) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 9.12 °C/W (at 200 LFM) |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Base Dimensions** | 37.00 mm x 37.00 mm |
| **Height** | 15.00 mm |
| **Fin Style** | maxiFLOW™ (Tapered Fin) |
---
### 2. Design and Functional Elements
#### A. The maxiFLOW™ Fin Geometry
The "F" in the part number indicates the maxiFLOW™ design. Unlike standard rectangular fins, these fins are tapered. This geometry:
* Reduces pressure drop across the heat sink.
* Increases surface area for heat dissipation.
* Optimizes airflow in constrained spaces.
#### B. pushPIN™ Attachment System
The **-R0** suffix refers to the attachment mechanism. This model uses a **pushPIN™** system which includes:
* **Compression Springs:** Provide precise pressure (load) on the component to ensure optimal thermal interface contact.
* **Plastic/Brass Pins:** Secure the heat sink directly to the PCB via pre-drilled holes.
#### C. Material and Finish
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** Provides corrosion resistance and increases thermal emissivity.
---
### 3. Thermal Performance Data
Performance is measured by Thermal Resistance (°C/W). Lower values indicate better cooling efficiency.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 9.12 |
| 400 (2.0 m/s) | 5.38 |
| 600 (3.0 m/s) | 4.01 |
---
### 4. Implementation Requirements
To use this part effectively in a circuit design, the following are required:
1. **PCB Hole Pattern:** The board must have holes corresponding to the pushPIN™ spacing (standardized for this 37mm frame).
2. **Thermal Interface Material (TIM):** This part usually comes with **ATS-51**, a high-performance thermal pad/grease pre-applied to the base.
3. **Clearance:** A vertical clearance of at least 15mm is required above the component.
- ⤷
What is the difference between pushPIN and clip-on attachment methods for this series?
- ⤷ How does the Blue Anodized finish affect the thermal emissivity of the heat sink?
- ⤷ Are there specific PCB hole diameters required for the ATS-20F-37-C2-R0?