ATS-20F-41-C3-R0
AI

The **ATS-20F-41-C3-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance **heat sink** designed for cooling integrated circuits (ICs), particularly those used in telecommunications and high-speed networking applications.
Below is a detailed breakdown of its specifications and electronic properties.
---
## 1. Technical Specifications
This part belongs to the **maxiFLOW™** series, which uses a flared-fin design to maximize air contact.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-20F-41-C3-R0 |
| **Component Type** | Passive Heat Sink |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 10.07°C/W (Unducted Flow @ 100 LFM) |
---
## 2. Mechanical Dimensions
Understanding the footprint is critical for PCB layout and ensuring the component fits within the electronic enclosure.
* **Length x Width:** 45mm x 45mm
* **Height:** 10mm (Low Profile)
* **Pin-to-Pin Distance:** 38mm (Standard spacing for pushPIN attachment)
* **Weight:** Approximately 12.0 grams
---
## 3. Key Features
* **Flared Fin Geometry:** The fins are angled outwards. This reduces pressure drop and increases the surface area for heat dissipation, making it more efficient than straight-fin designs in low-airflow environments.
* **pushPIN™ Attachment:** The "20F" designation indicates it uses a specific spring-loaded pin mechanism. This provides a precise, consistent pressure against the electronic chip, ensuring optimal thermal interface material (TIM) performance.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T412**, a high-performance thermal tape/pad that facilitates heat transfer from the silicon to the aluminum fins.
* **C3 Rating:** The "C3" in the part number indicates the specific spring and pin hardware kit included (usually a stainless steel spring and plastic pin).
---
## 4. Electronic Application
This part is used to prevent **thermal throttling** or component failure in:
1. **Microprocessors (CPUs) & FPGAs:** Keeping high-speed logic gates within operating temperature limits.
2. **ASICs:** Used in networking switches and routers.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
## 5. Thermal Performance Table
Thermal resistance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 10.07 |
| 200 (1.0 m/s) | 3.53 |
| 400 (2.0 m/s) | 2.15 |
| 600 (3.0 m/s) | 1.66 |
---
- ⤷
What is the significance of the 'Blue Anodized' finish in terms of thermal radiation?
- ⤷ How does the T412 thermal interface material compare to traditional thermal paste?
- ⤷ Is there a CAD file or footprint available for PCB integration?