ATS-20F-46-C3-R0
AI

The **ATS-20F-46-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.* It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Value / Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Base Part Number** | ATS-20F-46-C3-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 15.00mm |
| **Fin Style** | XCUT (Cross-Cut) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | ~11.00°C/W (Unducted Flow @ 1.0 m/s) |
---
### 2. Key Electronic Features
#### A. XCUT Fin Design
The "F" in the part number indicates a specific fin pattern. The **XCUT** design provides multi-directional airflow. Unlike straight-fin heat sinks that require air to move in one specific direction, cross-cut fins allow the heat sink to be effective even if the cooling fan is slightly offset or if the air turbulence is high.
#### B. pushPIN™ Attachment
This part utilizes a specialized mechanical attachment system.
* **Hardware:** It consists of a brass or plastic pin and a stainless steel spring.
* **Reliability:** It provides a precise "clamping force" on the electronic chip, ensuring optimal contact with the Thermal Interface Material (TIM) without cracking the silicon die.
#### C. Blue Anodized Finish
The blue coating is not just for aesthetics. Anodization increases:
1. **Emissivity:** Improves heat radiation.
2. **Corrosion Resistance:** Protects the aluminum from environmental degradation.
3. **Electrical Insulation:** Provides a thin non-conductive layer on the surface of the metal.
---
### 3. Usage Context
In an electronic circuit, this part is typically found in:
* **Embedded Systems:** Cooling high-speed ARM processors.
* **Power Supplies:** Dissipating heat from MOSFETs or Voltage Regulators.
* **Telecommunications:** Cooling ASICs in networking switches.
---
### 4. Component Comparison
How this part compares to standard extruded heat sinks:
```markdown
- Higher Surface Area: The XCUT pattern creates more surface area in a smaller footprint (25x25mm).
- Pressure Drop: Lower pressure drop compared to ultra-dense straight fins.
- Attachment Speed: pushPIN™ is significantly faster for assembly lines than screw-and-nut mounting.
```
- ⤷
What is the thermal conductivity of the Blue Anodized coating compared to bare aluminum?
- ⤷ How do I calculate the correct pushPIN hole diameter for a PCB?
- ⤷ What is the recommended Thermal Interface Material (TIM) for this heat sink?