Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-20F-51-C2-R0

  • AI
    ## Technical Overview: ATS-20F-51-C2-R0 The **ATS-20F-51-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **blueICE™** series, specifically designed for high-component density electronic environments where efficient thermal management is critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | ATS-20F-51-C2-R0 | | **Material** | Aluminum (AL-6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 6.69°C/W (Unducted Flow @ 200 LFM) | | **Dimensions (L x W)** | 35.00 mm x 35.00 mm | | **Height (Fin)** | 30.00 mm | | **Pitch** | Fine Pitch | --- ### 2. Design and Component Breakdown #### A. Fin Geometry and Material * **Fine Pitch Design:** The heat sink features a high density of fins. This increases the total surface area available for heat dissipation, making it highly effective for forced air cooling (fans). * **Aluminum 6063:** This specific alloy is used because it offers an excellent balance between thermal conductivity, structural strength, and corrosion resistance. #### B. The pushPIN™ Attachment System One of the defining "electronic parts" of this assembly is the mounting hardware: * **Push Pins:** These are pre-assembled with the heat sink to ensure easy and consistent installation onto the Printed Circuit Board (PCB). * **Compression Springs:** They provide a precise "Force" (Pressure) to ensure maximum contact between the heat sink base and the electronic component (CPU/GPU/FPGA), minimizing thermal interface resistance. #### C. Thermal Interface Material (TIM) * The part usually comes with a pre-applied **Phase Change Material** or thermal tape. This eliminates the microscopic air gaps between the heat sink and the chip, ensuring efficient heat transfer. --- ### 3. Thermal Performance Analysis Thermal resistance measures how effectively the part moves heat away from the electronics. | Air Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 200 (1.0 m/s) | 6.69 | | 400 (2.0 m/s) | 2.52 | | 600 (3.0 m/s) | 1.74 | --- ### 4. Applications This part is typically used to cool: 1. **Microprocessors:** High-speed CPUs in industrial computers. 2. **FPGAs/ASICs:** Field Programmable Gate Arrays that generate significant heat in telecommunications. 3. **Power Supplies:** Power transistors and MOSFETs requiring compact cooling solutions.
    ✨ Follow-up Questions
    • ⤷ What are the specific PCB hole requirements for the pushPIN attachment system?
    • ⤷ How does the blue anodized finish impact the thermal emissivity of the heat sink?
    • ⤷ Are there alternative heights available for the ATS-20F-51 series?