ATS-20F-52-C3-R0
AI

The part number **ATS-20F-52-C3-R0** refers to a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their *push-pin* thermal management series designed for cooling electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink (Thermal Management) |
| **Attachment Method** | Push-Pin (Plastic) with Spring |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 10.88 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 25mm |
| **Fin Style** | Straight (Vertical) |
---
### 2. Breakdown of the Part Number
Advanced Thermal Solutions uses a specific nomenclature to describe the part's features:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **20**: The specific family/series of heat sinks.
* **F**: Fin pitch/pattern type.
* **52**: Specific dimensions and internal design code.
* **C3**: Thermal Interface Material (TIM) code. In this case, it usually indicates the use of **T766** high-performance phase-change material or grease.
* **R0**: RoHS Compliance status (Lead-free).
---
### 3. Key Electronic Applications
This heat sink is designed for board-level thermal management where space is limited but high dissipation is required:
1. **High-Speed Processing:** Used on networking chips or logic controllers.
2. **Embedded Systems:** Ideal for small form factor industrial computers.
3. **Prototyping:** The push-pin design allows for easy installation and removal without the need for adhesive tapes that can fail over time.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (Linear Feet per Minute) within the electronic enclosure:
```python
# Approximate Thermal Resistance (Lower is better)
airflow_data = {
"LFM_100": "15.00 °C/W",
"LFM_200": "10.88 °C/W",
"LFM_300": "8.10 °C/W",
"LFM_500": "5.50 °C/W"
}
```
---
- ⤷
What are the specific hole patterns required on a PCB to mount this push-pin heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied T766?