ATS-20F-71-C3-R0
AI

The **ATS-20F-71-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to cool electronic components like CPUs, GPUs, or power transistors by increasing the surface area for heat dissipation.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Base Dimensions** | 45mm x 45mm |
| **Height** | 30mm |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Type** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | ~1.15 °C/W (at 200 LFM) |
---
### 2. Breakdown of the Model Number
The part number can be decoded to understand the specific configuration:
* **ATS-20**: Refers to the series (High-performance straight fin design).
* **F**: Likely refers to the specific fin density or manufacturing process.
* **71**: Dimensional code representing the 45x45x30mm size.
* **C3**: Indicates the Thermal Interface Material (TIM) and color (Blue Anodized).
* **R0**: Revision or packaging code.
---
### 3. Key Electronic Functions
While the heat sink itself is passive, it is critical for the following electronic functions:
1. **Thermal Dissipation**: Conducts heat away from the semiconductor die via the baseplate and radiates it into the surrounding air through the vertical fins.
2. **Junction Temperature Control**: Prevents the internal temperature of integrated circuits from exceeding the maximum limit (usually 125°C - 150°C), which prevents "Thermal Throttling" or permanent damage.
3. **Mechanical Stability**: The **Push-Pin** mechanism provides a constant force (pressure) on the chip, ensuring that the Thermal Interface Material (TIM) is spread evenly for optimal heat transfer.
---
### 4. Component Materials
* **Heat Sink**: Made of **Aluminum 6063**, which offers a high thermal conductivity-to-weight ratio.
* **Coating**: **Blue Anodizing** provides corrosion resistance and increases surface emissivity.
* **Springs/Pins**: Usually stainless steel springs with nylon pins, designed for a specific hole diameter on the Printed Circuit Board (PCB).
- ⤷What is the recommended PCB hole diameter for this push-pin assembly?
- ⤷ How does the air flow rate (LFM) affect the thermal resistance of this part?
- ⤷ Does this model come with pre-applied thermal interface material?