ATS-20F-74-C3-R0
AI

The **ATS-20F-74-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS)** heat sink from the *maxiFLOW* series. It is designed to dissipate heat from surface-mount components like BGA (Ball Grid Array) packages.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Series** | maxiFLOW |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Thermal Resistance** | 8.97°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 50mm x 50mm x 25mm |
| **Fin Type** | Fine Pitch (Tapered) |
---
### 2. Key Electronic Features
#### A. pushPIN™ Attachment System
The part uses a specialized "pushPIN" mechanism. In PCB design, this ensures:
* **Constant Pressure:** A pre-assembled compression spring provides precise, uniform pressure on the electronic chip, optimizing thermal interface material (TIM) performance.
* **Reliability:** It prevents the heat sink from shifting during mechanical shock or vibration, which is critical for industrial electronics.
#### B. maxiFLOW™ Design
The "maxiFLOW" geometry features a spread fin structure. In an electronic enclosure:
* It reduces **pressure drop**, allowing air to move more freely through the fins.
* It maximizes surface area for heat radiation, making it suitable for high-power processors, FPGAs, or GPUs.
#### C. Thermal Performance (Efficiency)
Thermal resistance is the critical metric for electronic protection. The performance varies based on airflow (velocity):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
|:---|:---|
| 100 (0.5 m/s) | 8.97 |
| 300 (1.5 m/s) | 3.28 |
| 500 (2.5 m/s) | 2.11 |
---
### 3. Application Use Cases
This part is typically found in:
1. **Telecommunications:** Cooling high-speed switching silicon.
2. **Embedded Computing:** Protecting CPUs in industrial motherboards.
3. **Power Supplies:** Dissipating heat from large MOSFET arrays.
---
### 4. Part Number Breakdown
The nomenclature follows this standard logic:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **20F:** Specific series/size category.
* **74:** Internal design/fin configuration code.
* **C3:** Material/Finish code (Blue Anodized).
* **R0:** Revision/Packaging status.
- ⤷
How do I select the correct Thermal Interface Material (TIM) for this heat sink?
- ⤷ What are the PCB hole requirements for the pushPIN attachment?
- ⤷ Can this heat sink be used for passive cooling without a fan?