ATS-20F-87-C3-R0
AI

The **ATS-20F-87-C3-R0** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, thermal resistance, and mounting style.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Mounting Type** | Push-Pin (Spring-loaded) |
| **Dimensions** | 35mm x 35mm |
| **Height (Fin)** | 15mm |
| **Thermal Resistance** | 13.30°C/W (at 100 LFM) |
| **Attachment Hole Pattern** | 4-Corner / Specific Pitch for PCB |
---
### 2. Breakdown of the Part Number
To understand the electronic application, we can decode the suffix:
* **ATS-20**: Series identifier (typically indicates the specific fin geometry or product family).
* **F**: Indicates a specific fin profile or mounting configuration.
* **87**: Dimensional code (refers to the 35mm x 35mm footprint).
* **C3**: Refers to the thermal interface material (TIM) or the specific blue anodized finish used for corrosion resistance and emissivity.
* **R0**: Versioning code or RoHS compliance status.
---
### 3. Electronic Components Managed
This heat sink is designed for mid-range power dissipation and is commonly found cooling the following electronic parts:
1. **BGA (Ball Grid Array) Packages:** CPUs, GPUs, or network processors in embedded systems.
2. **FPGAs:** Logic gates that generate significant heat during high-speed switching.
3. **ASICs:** Application-specific integrated circuits used in networking or mining equipment.
4. **Power Converters:** High-density DC-DC converters that require passive airflow cooling.
---
### 4. Thermal Performance
The performance of this heat sink is highly dependent on airflow (LFM - Linear Feet per Minute).
| Airflow Rate (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (Static/Low)** | 13.30 |
| **200 (Moderate)** | 6.77 |
| **400 (High)** | 4.80 |
---
### 5. Installation Note
The **Push-Pin** mechanism is preferred for automated assembly. It uses a spring-loaded plastic or brass pin that snaps into pre-drilled holes in the PCB. This ensures constant pressure on the electronic component, maximizing the effectiveness of the pre-applied **Phase Change Material (PCM)** or thermal grease.
- ⤷
What are the advantages of push-pin mounting over adhesive tape for this heat sink?
- ⤷ Can this heat sink be used for components larger than 35mm?
- ⤷ What is the recommended hole diameter on the PCB for the ATS-20F-87-C3-R0?