ATS-20F-91-C3-R0
AI

The **ATS-20F-91-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and other heat-generating components to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the physical and thermal properties of the component.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Thermal Resistance** | 21.97 °C/W (Unducted @ 100 LFM) |
| **Number of Fins** | Fine Pitch Cross-Cut |
---
### 2. Physical Design Features
* **Low Profile:** At only 10mm high, this part is ideal for space-constrained applications like blade servers, networking switches, or compact embedded systems.
* **Cross-Cut Fin Pattern:** The "Fine Pitch" design increases surface area while allowing for multi-directional airflow, making it versatile for different cooling orientations.
* **Pre-applied Thermal Interface Material (TIM):** This specific model typically comes with **T412** thermal tape or grease pre-applied, ensuring optimal heat transfer from the chip to the aluminum base.
---
### 3. Attachment Mechanism: pushPIN™
The "20F" in the part number indicates a specific push-pin and spring assembly.
* **Ease of Assembly:** It uses a spring-loaded plastic pin that snaps into pre-drilled holes on the PCB.
* **Constant Pressure:** The spring mechanism ensures consistent pressure between the heat sink and the component, which is critical for maintaining thermal conductivity.
* **Security:** Unlike adhesive tapes, the mechanical push-pin provides a secure hold in high-vibration environments.
---
### 4. Thermal Performance Data
Performance varies based on the Airflow (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 21.97 |
| 300 | 1.5 | 7.90 |
| 500 | 2.5 | 5.01 |
| 700 | 3.5 | 3.96 |
---
### 5. Common Applications
* **FPGA & ASIC Cooling:** Ideal for high-speed processors in industrial hardware.
* **Power Supplies:** Cooling voltage regulators and MOSFETs.
* **Networking Gear:** Cooling chips inside routers and high-speed modems.
- ⤷
How do I calculate if the thermal resistance of this heat sink is sufficient for my 5W chip?
- ⤷ What are the standard hole dimensions required on a PCB for this push-pin attachment?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied TIM?