ATS-20F-94-C2-R0
AI

The **ATS-20F-94-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Method** | Push-Pin (Plastic) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 40mm x 40mm x 25mm |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 1.46 °C/W (at 200 LFM) |
| **Spring Type** | ATS-PPS-20 |
---
### 2. Breakdown of the Part Number
The part number follows a structured naming convention used by ATS to identify the specific configuration:
* **ATS:** Brand (Advanced Thermal Solutions).
* **20:** Indicates the specific spring/push-pin assembly type.
* **F:** Fin pitch/style (Straight fin design).
* **94:** The specific size and profile footprint.
* **C2:** Material/Finish code (typically Blue Anodized Aluminum).
* **R0:** Revision code or packaging indicator.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (no moving parts), its role in an electronic circuit is critical:
* **Thermal Conductivity:** It draws heat away from the semiconductor die through a high-conductivity aluminum base.
* **Increased Surface Area:** The straight fin design increases the surface area exposed to the air, allowing for more efficient heat transfer via convection (forced or natural).
* **Push-Pin Mounting:** This specific model uses a "Push-Pin" mechanism. This ensures a consistent downward pressure (clamping force) on the electronic chip, which is vital for the thermal interface material (TIM) to work correctly.
* **Pre-Applied Thermal Interface (TIM):** Most "R0" series parts come with pre-applied **Phase Change Material** or thermal tape to simplify the PCB assembly process.
---
### 4. Implementation Example
If you were using this on a PCB, the layout would require two specific mounting holes:
```text
PCB Layout Requirement:
[ Hole ] <--- 45mm spacing (approx) ---> [ Hole ]
___________________________
| Heat Sink Base |
| (40mm x 40mm) |
|___________________________|
```
- ⤷
What is the difference between push-pin and adhesive mounting for heat sinks?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Are there copper versions of the ATS-20F series for better conductivity?