ATS-20G-65-C2-R0
AI

The part number **ATS-20G-65-C2-R0** refers to a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "superGRIP" series, designed for cooling electronic components such as BGAs (Ball Grid Arrays) and CPUs.
---
### 1. Technical Specifications
Below is a breakdown of the physical and thermal properties of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | superGRIP (Clip-on) |
| **Thermal Resistance** | 7.29 °C/W (at 200 LFM) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 20mm |
| **Fin Style** | Straight Fin |
---
### 2. Part Number Breakdown
The nomenclature used by Advanced Thermal Solutions explains the part's capabilities:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **20G**: Series identifier (typically relates to height and attachment style).
* **65**: Specific model dimensions or fin configuration.
* **C2**: Material/Finish code (Blue Anodized Aluminum).
* **R0**: RoHS compliance status and revision level.
---
### 3. Key Electronic Functions
While a heat sink is a passive mechanical component, it is critical to the electronics for the following reasons:
1. **Thermal Management**: It increases the surface area of the heat-generating component (e.g., a microprocessor), allowing air to carry heat away more efficiently.
2. **Reliability**: By keeping the junction temperature ($T_j$) of a semiconductor within safe limits, it prevents "thermal runaway" and extends the lifespan of the device.
3. **Mechanical Mounting**: The "superGRIP" system uses a frame clip and a plastic "spring" clip. This ensures high contact pressure between the heat sink and the chip without requiring holes in the PCB.
---
### 4. Typical Applications
* **Network Switches/Routers**: For cooling high-speed processing chips.
* **Telecommunications**: Cooling power amplifiers or FPGA units.
* **Industrial PCs**: Heat dissipation in compact environments with forced air cooling.
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How does the LFM (Linear Feet per Minute) airflow affect the thermal resistance of this part?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?