ATS-20G-79-C2-R0
AI

The **ATS-20G-79-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power semiconductors.
### 1. Technical Specifications
The part belongs to the **pushPIN™** series, which uses a specific hardware mechanism for secure attachment to a Printed Circuit Board (PCB).
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink (Passive Cooling) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 25mm x 25mm x 30mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 26.36°C/W (at 100 LFM) to 5.83°C/W (at 700 LFM) |
| **Fin Pattern** | Fine-Pitch (increases surface area) |
---
### 2. Key Components & Design
The ATS-20G-79-C2-R0 is engineered for maximum thermal efficiency within a small footprint.
* **Fin Profile:** It features a high-density fin structure. This maximizes the surface area contact with the air, allowing for better heat exchange.
* **pushPIN™ Attachment:** Instead of messy adhesives or fragile clips, this part uses a plastic/brass pin and a stainless steel spring. This ensures constant pressure (interface pressure) between the heat sink and the component, optimizing thermal transfer.
* **Thermal Interface Material (TIM):** The part typically comes with a pre-applied thermal pad or "T766" phase-change material on the base, ensuring there are no air gaps between the heat sink and the electronic chip.
---
### 3. Application Use Cases
This specific part is used in environments where vertical space is available (30mm height) but horizontal space is limited (25mm width).
1. **Telecommunications:** Cooling small-form-factor networking gear.
2. **Embedded Systems:** Industrial PCs where high-reliability mounting is required.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
### 4. Thermal Performance Data
The cooling efficiency depends on the airflow (Linear Feet per Minute - LFM) within the electronic enclosure:
| Air Velocity (LFM) | 100 | 300 | 500 | 700 |
| :--- | :---: | :---: | :---: | :---: |
| **Thermal Resistance (°C/W)** | 26.36 | 10.70 | 6.85 | 5.83 |
- ⤷
What is the difference between blue anodized and other heat sink finishes?
- ⤷ How does the pushPIN mounting system compare to standard adhesive backing?
- ⤷ Can this heat sink be used with a cooling fan for active cooling?