ATS-20H-142-C2-R0
AI

The **ATS-20H-142-C2-R0** is a high-performance electronic thermal management component, specifically a **heat sink** designed for cooling integrated circuits (ICs) and other electronic packages. It belongs to the *maxiFLOW™* series manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Dimension L x W** | 25.00 mm x 25.00 mm |
| **Height (Fin Height)** | 15.00 mm |
| **Pitch** | Fine-Pitch |
| **Pattern** | Straight-Fin |
| **Thermal Resistance** | 10.07°C/W (at 100 LFM) |
| **Bore Hole / Distance** | 30.00 mm (between holes) |
---
### 2. Key Electronic Features
#### A. Attachment Mechanism: pushPIN™
This part utilizes a "pushPIN" system rather than thermal adhesive. This is critical for electronic stability because:
* **Constant Pressure:** It uses a brass component and a stainless steel spring to ensure consistent downward pressure on the chip.
* **Reliability:** It prevents the heat sink from shifting during vibration or shipping.
* **Pre-assembled:** It comes with the hardware pre-installed to simplify PCB assembly.
#### B. Thermal Interface Material (TIM)
The part number indicates it typically comes with **T766** thermal material pre-applied to the base. This fills microscopic air gaps between the heat sink and the electronic component (CPU, FPGA, or GPU), significantly improving heat transfer.
#### C. Fin Design and Airflow
The "Straight-Fin" design is optimized for environments where there is a consistent direction of airflow. The fine-pitch fins increase the surface area available for convection without significantly increasing the footprint on the PCB.
---
### 3. Application Use Cases
This heat sink is commonly used in high-density electronic environments such as:
1. **Telecommunications:** Cooling small-form-factor networking chips.
2. **Embedded Systems:** For industrial computers where passive or forced-air cooling is required.
3. **Power Electronics:** Dissipating heat from voltage regulators or motor drivers.
---
- ⤷
How do I calculate if the 10.07°C/W thermal resistance is sufficient for my chip?
- ⤷ What are the advantages of the pushPIN attachment over thermal tape?
- ⤷ Is there a version of this heat sink with a different height for low-profile cases?