ATS-20H-72-C2-R0
AI

The **ATS-20H-72-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW" product line, designed to optimize airflow and thermal management for electronic components like BGA (Ball Grid Array) chips.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heatsink (Push-Pin Attachment) |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance (Flowing Air)** | 2.51 °C/W @ 200 LFM |
| **Thermal Resistance (Static Air)** | 5.07 °C/W |
| **Dimensions (L x W)** | 45.00 mm x 45.00 mm |
| **Height** | 15.00 mm |
| **Attachment Method** | Push-Pin (Brass) with Compression Spring |
---
## Breakdown of Part Components
### 1. Thermal Performance & Geometry
The "72" series features the **maxiFLOW™** design. Unlike standard square fin heatsinks, this design uses a tapered fin structure. This increases the surface area for heat dissipation while reducing the pressure drop, allowing air to move through the fins more efficiently.
### 2. Attachment Mechanism (Push-Pin)
This part utilizes a **Push-Pin and Spring** assembly.
* **Purpose:** Ensures a constant and uniform pressure (Pre-load) on the electronic component (CPU, FPGA, or GPU).
* **Reliability:** It is more secure than thermal adhesive tapes, making it suitable for high-vibration environments.
* **Hole Pattern:** Requires specific pre-drilled holes in the PCB.
### 3. Thermal Interface Material (TIM)
The **C2** designation usually indicates that the heatsink comes pre-applied with a high-performance thermal interface material (like a thermal pad or phase-change material). This fills the microscopic air gaps between the component and the heatsink base to maximize heat transfer.
### 4. Material and Finish
* **Aluminum:** Chosen for its excellent weight-to-thermal conductivity ratio.
* **Blue Anodized:** The coating protects the aluminum from corrosion and slightly increases emissivity (radiation heat transfer).
---
## Typical Applications
* **Networking Gear:** Switches and routers where high airflow is present.
* **Industrial PCs:** Where components are subject to mechanical stress.
* **Power Supplies:** Cooling MOSFETs or large integrated circuits.
---
- ⤷
What are the specific PCB hole dimensions required for the ATS-20H-72-C2-R0 push-pins?
- ⤷ How does the maxiFLOW fin geometry compare to straight-fin heatsinks in low-airflow environments?
- ⤷ What is the maximum operating temperature for the pre-applied thermal interface material?