ATS-20H-75-C3-R0
AI

The **ATS-20H-75-C3-R0** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** manufactured by Advanced Thermal Solutions (ATS).
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25.0mm x 25.0mm x 20.0mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | Approx. 4.90 °C/W @ 200 LFM |
| **Compression Spring** | Pre-assembled |
---
## 2. Key Electronic Features
### A. Material & Surface Treatment
The unit is made from high-grade aluminum. The **Blue Anodized** finish is not just for aesthetics; it provides:
* **Corrosion Resistance:** Protects the aluminum from oxidation.
* **Improved Emissivity:** Enhances the radiation component of heat transfer.
* **Electrical Insulation:** Anodization creates a non-conductive layer on the surface.
### B. Thermal Performance
This heat sink is designed for **Forced Airflow (LFM)** environments. The straight-fin design allows for low pressure drop, making it efficient for cooling high-speed chips such as:
* BGA (Ball Grid Array) processors.
* FPGAs (Field Programmable Gate Arrays).
* High-speed power MOSFETs.
### C. Mechanical Mounting (Push-Pin)
Unlike adhesive-based heat sinks, the `ATS-20H-75-C3-R0` uses a mechanical push-pin system.
* **Consistent Pressure:** The built-in spring ensures a specific amount of downward force (pressure) on the thermal interface material (TIM).
* **Reliability:** Mechanical pins are more resistant to shock and vibration than thermal tape or epoxy.
---
## 3. Order Information / Part Breakdown
```text
ATS - 20 H - 75 - C3 - R0
| | | | | |
| | | | | +-- RoHS Version
| | | | +------ Color/Finish (Blue Anodized)
| | | +----------- Height (20mm)
| | +---------------- Fin Pitch/Series Code
| +-------------------- Attachment Type (Push-Pin)
+------------------------- Manufacturer (Advanced Thermal Solutions)
```
---
- ⤷
What are the recommended drill hole sizes for the push-pins on this model?
- ⤷ Does this heat sink come with pre-applied thermal interface material (TIM)?
- ⤷ What is the weight of the ATS-20H-75-C3-R0 to calculate board load?