ATS-20H-95-C2-R0
AI

The **ATS-20H-95-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, or high-power transistors.
### 1. Key Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Attachment Method** | Push Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 7.29 °C/W (at 200 LFM) |
| **Fin Pattern** | High-performance Cross-Cut |
---
### 2. Physical Design and Features
* **Cross-Cut Fin Design:** The fins are cut in both directions. This increases surface area and creates more turbulence in the airflow, which significantly improves heat dissipation compared to straight-fin designs.
* **Push Pin Attachment:** It uses two brass push pins with a specialized spring mechanism. This ensures consistent pressure on the electronic component (TIM - Thermal Interface Material), optimizing heat transfer and preventing the sink from shifting during vibration.
* **Material Choice:** Made of lightweight aluminum with a blue anodized finish. Anodizing provides a thin layer of insulation and increases the emissivity of the surface, further aiding radiant cooling.
### 3. Electronic Application
The ATS-20H-95-C2-R0 is typically used in the following electronic environments:
1. **High-Density PCBs:** Because of its compact 40mm footprint, it fits well on crowded boards.
2. **Network Hardware:** Used on switches and routers for cooling ASICs (Application-Specific Integrated Circuits).
3. **Power Electronics:** Applied to MOSFETs or voltage regulators that generate significant heat during high current draw.
4. **Embedded Systems:** Ideal for industrial PCs where active fan cooling may be limited, relying instead on ambient airflow.
---
### 4. Thermal Performance Comparison
Thermal resistance ($\theta$) is measured in °C/W. A lower number indicates better performance.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 7.29 |
| 400 (2.0 m/s) | 4.24 |
| 600 (3.0 m/s) | 3.35 |
- ⤷
What are the mounting hole requirements for the push-pin mechanism?
- ⤷ Does this model come with pre-applied thermal interface material (TIM)?
- ⤷ What are the advantages of blue anodized aluminum over plain aluminum in thermal management?