ATS-21B-07-C2-R0
AI

The **ATS-21B-07-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "blue ice" or high-efficiency push-pin series designed for cooling integrated circuits (ICs) and other electronic surface-mount components.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance (Flowing)** | 16.97 °C/W (@ 100 LFM) |
| **Thermal Resistance (Static)** | 3.90 °C/W |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (Height Off Base)** | 12.7mm |
| **Attachment Method** | Push-Pin (Spring Loaded) |
---
### 2. Key Components & Design
The "Electronic Part" functionality of this device is purely **passive thermal management**. Its effectiveness is derived from three main structural elements:
1. **Heat Sink Body (The Fin Array):**
* Constructed from high-grade aluminum.
* Uses a specialized fin pattern to maximize surface area for heat dissipation without significantly blocking airflow.
2. **Push-Pin Attachment:**
* The "R0" suffix often indicates the specific hardware kit. It uses plastic or brass push-pins with a compression spring.
* This ensures consistent **interface pressure** between the heat sink and the chip, which is critical for heat transfer efficiency.
3. **Thermal Interface Material (TIM):**
* Typically comes pre-applied with a high-performance Phase Change Material (PCM) or thermal pad on the base to fill microscopic air gaps between the component and the sink.
---
### 3. Application Use Cases
This specific part is generally found in electronic assemblies where high-speed processing generates significant localized heat:
* **Network Switches/Routers:** Cooling ASICs and FPGA chips.
* **Industrial Power Supplies:** Cooling MOSFETs or power regulators.
* **Embedded Systems:** Used on SoCs (System on Chips) that require active or passive cooling within a chassis.
---
### 4. Part Number Breakdown (Nomenclature)
Understanding the code helps in identifying variations:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **21B:** Product Series/Type.
* **07:** Specific dimension/fin configuration.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision or Packaging code (often denotes standard push-pin hardware).
- ⤷
What are the alternative attachment methods to push-pins for this size of heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to a plain finish?
- ⤷ What is the recommended airflow direction for the ATS-21B series?