ATS-21B-151-C2-R0
AI

## Technical Analysis of ATS-21B-151-C2-R0
The **ATS-21B-151-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It belongs to the "maxiFLOW™" product line, designed to provide high surface area for cooling electronic components in constrained spaces.
---
### 1. Key Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | maxiFLOW™ |
| **Thermal Resistance (Flowing Air)** | 3.93°C/W @ 200 LFM |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Fin Style** | Tapered Fin (High Performance) |
---
### 2. Functional Electronic Components
While the heat sink itself is a passive mechanical part, its design is critical for the survival of active electronic components.
#### A. The Heat Sink Body
* **Material:** Extruded aluminum. Aluminum is chosen for its high thermal conductivity ($~205 \text{ W/m·K}$) and lightweight properties.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodized layer provides electrical insulation and improves surface emissivity, aiding in heat radiation.
#### B. The pushPIN™ Attachment System
This component uses a mechanical mounting system instead of thermal adhesive.
* **Spring-loaded Pins:** These ensure a specific "clamping force" is applied to the chip (like a CPU or FPGA).
* **Consistency:** Unlike glue, the pushPIN™ ensures the thermal interface material (TIM) is compressed evenly, reducing air gaps and lowering thermal resistance.
#### C. Thermal Interface Material (TIM)
* Usually, these units come pre-applied with **ATS-91** or a similar high-performance thermal phase-change material on the base to bridge the microscopic gaps between the heat sink and the electronic chip.
---
### 3. Application Use Cases
The ATS-21B-151-C2-R0 is typically found cooling the following types of integrated circuits (ICs):
1. **Processors:** Low to mid-range CPUs and microcontrollers.
2. **FPGAs/ASICs:** High-speed signal processing chips that generate significant heat in localized areas.
3. **Power Electronics:** Voltage regulators and MOSFET modules in telecommunications equipment.
---
### 4. Component Geometry (Diagram Representation)
The **maxiFLOW™** design uses a tapered fin pattern to maximize airflow intake and exhaust:
```text
/| /| /| /| <-- Tapered Fins (Maximum Surface Area)
| | | | | | |
|___________| <-- Base Plate (40mm x 40mm)
| | <-- pushPIN™ Mounting Points
```
---
- ⤷
What is the significance of the 3.93°C/W thermal resistance rating?
- ⤷ How do pushPIN™ mounts compare to traditional thermal adhesive tapes?
- ⤷ What are the dimensions of the PCB holes required for this specific heat sink?