ATS-21D-161-C2-R0
AI

The **ATS-21D-161-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Type** | Top-mount Heat Sink |
| **Attachment Method** | Push-Pin (2-piece) |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 1.15°C/W (at 200 LFM) |
| **Dimensions** | 45mm x 45mm x 20mm |
---
## 2. Component Breakdown
### A. Material and Coating
* **Aluminum Construction:** Aluminum is used because it provides a high thermal conductivity-to-weight ratio, ensuring efficient heat transfer while remaining lightweight.
* **Blue Anodized Finish:** The anodization protects the aluminum from corrosion and slightly improves surface emissivity for better radiation cooling.
### B. Attachment Mechanism (pushPIN™)
The "R0" at the end of the part number indicates the specific mounting hardware. This model uses a **push-pin** system with a compression spring.
* **Ease of Assembly:** It allows for quick installation on a PCB without complex tools.
* **Constant Pressure:** The spring ensures that the heat sink maintains firm, uniform contact with the electronic chip, which is critical for minimizing thermal interface resistance.
### C. Fin Geometry
* **Cross-Cut Fins:** Unlike straight fins, cross-cut designs create a more turbulent airflow. This helps break up the "boundary layer" of air, significantly increasing the cooling efficiency in forced-air environments (systems with fans).
---
## 3. Thermal Performance Data
Performance is measured by **Thermal Resistance (°C/W)**. A lower value indicates better cooling performance.
| Airflow Velocity (LFM) | Thermal Resistance (Unducted) |
| :--- | :--- |
| 100 LFM (0.5 m/s) | 4.74 °C/W |
| 200 LFM (1.0 m/s) | 2.57 °C/W |
| 400 LFM (2.0 m/s) | 1.90 °C/W |
| 600 LFM (3.0 m/s) | 1.63 °C/W |
---
## 4. Applications
This specific part is typically found in:
* **Network Switches/Routers:** Cooling high-speed processors.
* **Power Supplies:** Managing heat for voltage regulators.
* **Industrial PCs:** Ensuring stability in high-temperature environments.
* **Embedded Systems:** Where space is limited but high TDP (Thermal Design Power) must be managed.
- ⤷
What is the significance of the 'C2' designation in the part number?
- ⤷ Can this heat sink be used with a specific Thermal Interface Material (TIM)?
- ⤷ What are the PCB hole requirements for the push-pin mounting system?