ATS-21D-166-C3-R0
AI

The **ATS-21D-166-C3-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components. It is manufactured by Advanced Thermal Solutions, Inc. (ATS).
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 12.30°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 25.00 mm x 25.00 mm |
| **Height (Fin)** | 15.00 mm |
| **Hole Pattern** | 20.00 mm x 20.00 mm |
---
## 2. Key Electronic Components & Features
### A. pushPIN™ Attachment System
Unlike traditional adhesive-based heatsinks, this model uses the **pushPIN™** system. This consists of:
* **Compression Springs:** Provides precise pressure to ensure optimal thermal interface contact.
* **Brass/Plastic Pins:** Securely locks the heatsink into pre-drilled holes on the PCB, preventing movement during vibration or shipping.
### B. Fin Design (High Performance)
The "166" series typically features a **Straight Fin** or **Cross-Cut** geometry. This allows for:
* **Bi-directional Airflow:** It can dissipate heat effectively regardless of which direction the cooling fan is blowing.
* **Low Pressure Drop:** The spacing between fins is optimized to allow air to pass through without requiring high-static pressure fans.
### C. Thermal Interface Material (TIM)
The **C3** designation in the part number indicates that the heatsink comes pre-applied with **T766 Phase Change Material** (or similar high-performance grease). This ensures there are no microscopic air gaps between the chip and the aluminum, maximizing heat transfer.
---
## 3. Applications in Electronics
This specific size (25mm x 25mm) is commonly used for:
1. **Network Switches:** Cooling Small Form-factor Pluggable (SFP) modules or small processors.
2. **Embedded Systems:** Cooling SoCs (System on a Chip) in industrial computers.
3. **Power Supplies:** Managing heat for MOSFETs or voltage regulators.
---
## 4. Ordering & Variant Code Breakdown
```text
ATS-21D-166-C3-R0
| | | | |
| | | | +-- Revision/Color (Blue Anodized)
| | | +----- Thermal Interface Material (T766)
| | +--------- Fin Profile/Height Identifier
| +------------ Thermal resistance/Performance Class
+--------------- Manufacturer Prefix
```
- ⤷
What are the advantages of pushPIN attachment over thermal tape?
- ⤷ How do I calculate if the 12.30°C/W thermal resistance is sufficient for my chip?
- ⤷ Does this heatsink require specific PCB hole diameters?