ATS-21D-48-C2-R0
AI

The **ATS-21D-48-C2-R0** is a high-performance thermal management component specifically designed for cooling electronic integrated circuits (ICs). It belongs to the **Advanced Thermal Solutions (ATS)** "maxiFLOW" family.
### 1. Component Overview
This part is a **Heat Sink** assembly. Its primary purpose is to dissipate heat from surface-mount components (like CPUs, GPUs, or FPGAs) into the surrounding air to prevent thermal throttling or hardware failure.
---
### 2. Technical Specifications
| Feature | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | maxiGRIP™ (Steady pressure clip) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 23mm |
| **Thermal Resistance** | 2.82°C/W @ 200 LFM |
| **Airflow Direction** | Directional (High-performance fin geometry) |
---
### 3. Key Electronic/Mechanical Features
#### A. The maxiFLOW™ Fin Design
Unlike standard cross-cut heat sinks, this part uses a **tapered fin design**. This increases the surface area while reducing the pressure drop, allowing air to flow more efficiently through the fins. This is critical in densely packed electronic enclosures.
#### B. maxiGRIP™ Attachment System
One of the most important aspects of this part is how it interacts with the PCB:
* **Plastic Frame Clip:** It uses a high-tension plastic frame that surrounds the component.
* **Stainless Steel Spring Clip:** A "C" shaped spring clip applies constant, uniform pressure across the thermal interface material (TIM).
* **No Holes Required:** It attaches directly to the component package, meaning you do not need to drill holes in the PCB.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes pre-applied with a high-performance thermal phase-change material or tape, ensuring low thermal resistance between the silicon die and the aluminum base.
---
### 4. Typical Applications
* **Telecommunications:** High-speed routers and switches.
* **Computing:** Embedded systems and server blades.
* **Power Supplies:** Cooling MOSFETs or power regulators.
- ⤷
What is the difference between blue anodized and gold anodized heat sinks?
- ⤷ How do I calculate the required LFM for this heat sink in my specific enclosure?
- ⤷ Does the maxiGRIP system support different chip heights?