ATS-21D-71-C2-R0
AI

## Technical Overview: ATS-21D-71-C2-R0
The **ATS-21D-71-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, specifically designed for cooling high-power electronic components such as CPUs, GPUs, FPGAs, and ASICs where space is restricted but airflow is available.
---
### 1. Key Technical Specifications
The following table summarizes the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ (Brass/Plastic pins with springs) |
| **Dimensions (L x W x H)** | 45.0mm x 45.0mm x 30.0mm |
| **Thermal Resistance** | 1.15 °C/W (at 200 LFM) |
| **Flow Pattern** | Straight Fin |
| **RoHS Status** | Compliant |
---
### 2. Design and Component Breakdown
This assembly consists of several distinct electronic cooling components working together:
#### A. Heat Sink Body (maxiFLOW™)
* **Fin Geometry:** It features a "tapered" fin design. The fins are wider at the base and thinner at the tips, which maximizes surface area while minimizing the pressure drop as air moves through the sink.
* **Material:** Made from high-grade aluminum. The **Black Anodized** finish isn't just for aesthetics; it increases surface emissivity, slightly improving heat dissipation via radiation.
#### B. The pushPIN™ Attachment System
Instead of using messy adhesives or simple clips, the **-R0** version utilizes a specialized mechanical attachment:
* **Plastic/Brass Pins:** Inserted through the PCB (Printed Circuit Board) into pre-drilled holes.
* **Stainless Steel Springs:** Provide precise, consistent pressure (preload) against the component. This ensures optimal contact with the thermal interface material.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied Film:** These units typically come with a high-performance phase-change material or thermal pad pre-applied to the base. This eliminates air gaps between the chip and the heat sink.
---
### 3. Performance Metrics
Thermal resistance (measured in °C/W) determines how effectively the part moves heat away from the silicon die.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 1.15 |
| 300 (1.5 m/s) | 0.82 |
| 400 (2.0 m/s) | 0.68 |
| 500 (2.5 m/s) | 0.60 |
---
### 4. Typical Applications
* **Telecommunications:** Cooling high-speed switching equipment.
* **Embedded Systems:** For industrial PCs where heat dissipation is critical for longevity.
* **Power Supplies:** Cooling MOSFETs and voltage regulators.
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the pressure drop of this heat sink affect system fan selection?
- ⤷ Are there specific thermal interface materials recommended for re-installation?